PART |
Description |
Maker |
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
10ETF02STRL 10ETF02STRR 10ETF06STRL 10ETF06STRR 10 |
DIODE 10 A, 600 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
60CPF06 60CPF02 60CPF04 60EPF04 60EPF06 |
600V Fast Recovery Diode in a TO-247AC package 200V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC package 400V Fast Recovery Diode in a TO-247AC (2-Pin) package 600V Fast Recovery Diode in a TO-247AC (2-Pin) package
|
International Rectifier
|
SA120FA60 |
FAST RECOVERY RECTIFIER DIODE 600V Fast Recovery Diode in a SOT-227 package
|
IRF[International Rectifier]
|
SKB04N60 SKP04N60 |
IGBTs & DuoPacks - 4A 600V TO220AB IGBT Diode IGBTs & DuoPacks - 4A 600V TO263AB SMD IGBT Diode Fast IGBT in NPT-technology with soft/ fast recovery anti-parallel EmCon diode Fast IGBT in NPT-technology with soft fast recovery anti-parallel EmCon diode Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
|
INFINEON[Infineon Technologies AG]
|
30BF..SERIES 30BF80 30BF10 30BF20 30BF40 30BF60 30 |
DIODE 3 A, SILICON, RECTIFIER DIODE, DO-214AB, Rectifier Diode SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE 表面贴装超快恢复二极 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 800V 3A Ultra-Fast Discrete Diode in a SMC package 400V 3A Ultra-Fast Discrete Diode in a SMC package 600V 3A Ultra-Fast Discrete Diode in a SMC package 100V 3A Ultra-Fast Discrete Diode in a SMC package 200V 3A Ultra-Fast Discrete Diode in a SMC package
|
International Rectifier, Corp. IRF[International Rectifier] VISHAY SEMICONDUCTORS
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
RJU60C3WDPP-M0 RJU60C3WDPP-M0T2 |
600V - 60A - Dual Diode Fast Recovery Diode
|
Renesas Electronics Corporation
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
20ETF02FP 20ETF04FP 20ETF06FP |
200V Fast Recovery Diode in a TO-220 FullPak package 400V Fast Recovery Diode in a TO-220 FullPak package 600V Fast Recovery Diode in a TO-220 FullPak package
|
International Rectifier
|
FFP30U60DN FFP30U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BY229-200 BY229-800 BY229 BY229-400 BY229-600 BY22 |
Rectifier diodes fast, soft-recovery 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE FAST RECOVERY 1ST HEX SCHMITT inverter 3 to 8 line decoder Rectifier diodes fast, soft-recovery(快速,软恢复整流二极管) Octal bus buffer with 3 state outputs (inverted) Rectifier diodes fast/ soft-recovery
|
NXP Semiconductors N.V. Philips Semiconductors
|